Part Number Hot Search : 
DM7417 18RXXX MGF0840G M3202 RL4ZZ MGF0840G TP1105 AX8877
Product Description
Full Text Search
 

To Download A503RHI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A500RHI Series
Very High Isolation, 5W Single & Dual Output DC/DC Converters
Electrical Specifications
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
* 5W Output Power * 5,600 VDC Isolation * 2 A Leakage Current Max * Wide 2:1 Input Range * Compact DIP Case * Single & Dual Outputs * Meets EN55022 * 700 kH MTBF * EN60950 Approved
Input
Parameter Input Start Voltage Conditions Min. Typ. Max. 12 VDC Input 7.0 8.0 9.0 24 VDC Input 13.0 15.0 18.0 48 VDC Input 30.0 33.0 36.0 12 VDC Input 8.5 24 VDC Input 16.0 48 VDC Input 34.0 (Pi) Filter (Complies with EN55022 Class A) 0.3 3,000 Conditions Dual Output , Balanced Loads Vin = Min to Max Iout = 10% to 100% 5V Output All Other Outputs Over Line, Load & Temp. 120 50% Load Step Change 300 3.0 0.02 Continuous (Autorecovery) Min. 5,600 6,000 1,000 7 150 13 Typ. 500 6.0 0.05 Min. Typ. 0.5 0.5 0.3 0.5 75 100 Max. 1.0 2.0 0.5 1.0 100 150 180 25 Units VDC
Under Voltage Shutdown Input Filter Reverse Polarity Input Current Short Circuit Input Power
VDC
A mW Units % % % % mV P - P mV P - P mV rms % Sec % %/C
Output
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation Ripple & Noise (20 MHz) (Note 1) Ripple & Noise (20 MHz) Ripple & Noise (20 MHz) Output Power Protection Transient Recovery Time (Note 2) Transient Response Deviation Temperature Coefficient Output Short Circuit
General
Parameter Isolation Voltage, Rated Isolation Test Voltage Leakage Current Isolation Resistance Isolation Capacitance Switching Frequency Conditions 60 Seconds 60 Seconds 240 VAC, 60 Hz 500 VDC 100 kHz, 1V Max. Units VDC VDC A M pF kHz Units C C C %
2
Environmental
Parameter Operating Temperature Range Operating Temperature Range Storage Temperature Range Cooling Humidity Conditions Min. Typ. -40 -40 -40 Free Air Convection RH, Non-condensing Ambient Case Max. +55 +95 +125 95
MicroPower Direct
292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
Physical
Case Size Case Material Weight 1.25 x 0.80 x 0.40 Inches (31.8 x 20.3 x 10.2 mm) Non-Conductive Black Plastic (UL94-V0) 0.57 Oz (16.2g) Conditions MIL HDBK 217F, 25C, Gnd Benign Conditions 12 VDC Input 24 VDC Input 48 VDC Input 1.5 mm From Case For 10 Sec All Models Min. 700 Min. -0.7 -0.7 -0.7 Typ. Max. Units kHours Units VDC
C
Reliability Specifications
Parameter MTBF
Absolute Maximum Ratings
Parameter Input Voltage Surge (1 Sec) Lead Temperature Internal Power Dissipation Typ. Max. 25.0 50.0 100.0 260 2,500
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
www.micropowerdirect.com
Model Selection Guide
Input Model Number A501RHI A502RHI A503RHI A504RHI A511RHI A512RHI A513RHI A514RHI A521RHI A522RHI A523RHI A524RHI Voltage (VDC) Nominal 12 12 12 12 24 24 24 24 48 48 48 48 Range 9.0 - 18.0 9.0 - 18.0 9.0 - 18.0 9.0 - 18.0 18.0 - 36.0 18.0 - 36.0 18.0 - 36.0 18.0 - 36.0 36.0 - 75.0 36.0 - 75.0 36.0 - 75.0 36.0 - 75.0
www.micropowerdirect.com
Output Reflected Fuse Rating Efficiency Ripple Current (mA) Slow-Blow Current (%, Typ) Current Voltage Current (mA) Full-Load No-Load (mA, Typ) (VDC) (mA, Max) (mA, Min) 570 641 641 641 278 313 313 313 139 156 156 156 30 30 30 30 20 20 20 20 10 10 10 10 60 60 60 60 30 30 30 30 15 15 15 15 5.0 12.0 12.0 15.0 5.0 12.0 12.0 15.0 5.0 12.0 12.0 15.0 1,000 500 250 200 1,000 500 250 200 1,000 500 250 200 200.0 100.0 50.0 40.0 200.0 100.0 50.0 40.0 200.0 100.0 50.0 40.0 75 78 78 78 77 80 80 80 77 80 80 80 1,200 1,200 1,200 1,200 600 600 600 600 300 300 300 300
Notes: 1. When measuring output ripple, it is recommended that an external 0.47 F ceramic capacitor be placed from the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units. For noise sensitive applications, the use of 3.3 F capacitors will reduce the output ripple. 2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%. 3. Dual output units may be connected to provide a 24 VDC or 30 VDC output. To do this, connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output common. 4. The converter should be connected to a low ac-impedance source. An input source with a highly inductive impedance may affect the stability of the converter. In applications where the converter output loading is high and input power is supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up. In this case, it is recommended that a low ESR (ESR <1.0 at 100 kHz) capacitor be mounted close to the converter. For 12V input units a 10.0 F is recommended, for 24V a 4.7 F and for 48V units a 2.2 F. 5. It is recommended that a fuse be used on the input of a power supply for protection. See the table above for the correct rating.
Derating Curve - 5V Output
Mechanical Dimensions Derating Curve - All Other Outputs
Mechanical Notes: * All dimensions are typical in inches (mm) * Tolerance x.xx = 0.01 (0.25)
Pin Connections
Pin 1 11 15 Out 220 12 13 Single +Vin No Pin -Vout +Vout Dual +Vin Common No Pin -Vout Pin 15 23 24 Single No Pin -Vin -Vin Dual +Vout -Vin -Vin
Capacitive Load - F Max
5V Out 1,000 12V Out 470 12 Out 220
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
*
TEL: (781) 344-8226
*
FAX: (781) 344-8481
*
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of A503RHI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X